Part Number Hot Search : 
NME2412D TW0255A TPS79633 TQ2092 TLP595A M1389 ST1802HI B1161UAL
Product Description
Full Text Search
 

To Download 2SB925 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SB925 2SB925a description with t o-220c package low collector saturation voltage high speed switching applications for low voltage switching applications pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit 2SB925 -40 v cbo collector-base voltage 2SB925a open emitter -50 v 2SB925 -20 v ceo collector-emitter voltage 2SB925a open base -40 v v ebo emitter-base voltage open collector -5 v i c collector current (dc) -7 a i cm collector current-peak -12 a p c collector power dissipation t c =25 30 w t j junction temperature 150 t stg storage temperature -50~150 downloaded from: http:///
savantic semiconductor product specification 2 silicon pnp power transistors 2SB925 2SB925a characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2SB925 -20 v (br)ceo collector-emitter breakdown voltage 2SB925a i c =-10ma; i b =0 -40 v v cesat collector-emitter saturation voltage i c =-5a; i b =-0.16a -0.6 v v besat base-emitter saturation voltage i c =-5a; i b =-0.16a -1.5 v 2SB925 v cb =-40v; i e =0 i cbo collector cut-off current 2SB925a v cb =-50v; i e =0 -50 a i ebo emitter cut-off current v eb =-5v; i c =0 -50 a h fe-1 dc current gain i c =-0.1a ; v ce =-2v 45 h fe-2 dc current gain i c =-2a ; v ce =-2v 60 260 c ob output capacitance i e =0 ; v cb =-10v;f=1mhz 140 pf f t transition frequency i c =-0.5a ; v ce =-10v 150 mhz switching times t on turn-on time 0.1 s t stg storage time 0.5 s t f fall time i c =-2a ; i b1 =-i b2 =-66ma 0.1 s  h fe-2 classifications r q p 60-120 90-180 130-260 downloaded from: http:///
savantic semiconductor product specification 3 silicon pnp power transistors 2SB925 2SB925a package outline fig.2 outline dimensions (unindicated tolerance:0.10mm) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SB925

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X